Part Number Hot Search : 
5916B AOD454 B126V CY62146 ASF240 2245M 0372DP1 EZ10D5
Product Description
Full Text Search
 

To Download SB32004 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET SB320~SB3100
SCHOTTKY BARRIER RECTIFIERS 20 to 100 Volts VOLTAGE CURRENT
FEATURES
* Plastic package has Underwriters Laboratory
1.0(25.4)MIN.
3.0 Amperes
DO-201AD
Unit: inch(mm)
Flammability Classification 94V-O utilizing Flame Retardant Epoxy Molding Compound. * Exceeds environmental standards of MIL-S-19500/228 * For use in low voltage,high frequency inverters ,free wheeling , and polarity protection applications . * Pb free product are available : 99% Sn above can meet RoHS environment substance directive request
.052(1.3) .048(1.2)
.375(9.5)
MECHANICALDATA
Case: DO-201AD Molded plastic
1.0(25.4)MIN.
.285(7.2)
Terminals: Axial leads, solderable per MIL-STD-750,Method 2026 Polarity: Color band denotes cathode Mounting Position: Any Weight: 0.04 ounces, 1132mg
.210(5.3) .188(4.8)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
P A R A M E TE R M a xi um R e curre nt P e a k R e ve rse V o l a g e m t M a xi um R M S V o l a g e m t M a xi um D C B l cki g V o l a g e m o n t M a xi um A ve ra g e F o rw a rd R e ct f e d C urre nt . 7 5 "(9 . m m ) m ii 3 5 l a d l ng t a t T A = 7 5 O C e e h P e a k F o rw a rd S urg e C urre nt : 8 . m s si g l ha l si e -w a ve 3 ne fn sup e ri p o se d o n ra t d l a d (JE D E C m e t o d ) m eo h M a xi um F o rw a rd V o l a g e a t 3 . A m t 0 M a xi um D C R e ve rse C urre nt T A = 2 5 O C m a t R a t d D C B l cki g V o l a g e T A = 1 0 0 O C e o n t M a xi um l T he rm a l R e si t nce m sa O p e ra t ng Junct o n Te m p e ra t re R a ng e i i u S t ra g e Te m p e ra t re R a ng e o u
S YM B O L S B 320 S B 330 V RRM V RM S VDC IV A I SM F VF 0. 5 5 20 14 20 30 21 30
S B 340 S B 350 S B 360 40 28 40 50 35 50 3. 0 80 0. 5 7 0. 5 30 20 -5 0 T O + 1 2 5 -5 0 T O + 1 5 0 60 42 60
S B 380 S B 3100 U N I S T 80 56 80 100 70 100 V V V A A 0. 5 8 V
I R R JA TJ TS TG
mA
O
C /W
O
C C
O
STAD-NOV.15.2004
PAGE . 1
RATING AND CHARACTERISTIC CURVES
AVERAGEFORWARDRECITIFIED CURRENTAMPERES
PEAK FORWARD SURGE CURRENT,
5.0 4.0
3.0
90 80 70 60 50 40 30 20 10 1 2 5 10 20 50 100
2.0
.375"9.5mm LEADLENGHTS RESISTIVEORINDUCTIVE LOAD
1.0
0
0
20
40
60
80
100
120
O
140
160
AMBIENT TEMPERAURE, C
NO. OF CYCLE AT 60HZ
Fig.1- FORWARD CURRENT DERATING CURVE
Fig.2- MAXIMUM NON - REPETITIVE SURGE CURRENT
10
50
TJ = 1 C 00
O
INSTANTANEOUS REVERSE CURRENT, mA
1.0
INSTANTANEOUS FORWARD CURRENT AMPERES
TJ = 25 OC f = 1.0mHz Vsig= 50mVp-p
10
20-40V
50-60V
0.1
TJ = 7 C 5
O
80-100V
1.0
TJ = 2 C 5
O
0.01
V RRM = 2 0 - 4 0 V V RRM = 5 0 - 1 0 0 V
.001
20
40
60
80
100 120 140
0.1 0
.2
.4
.6
.8
PERCENT OF INSTANTANEOUS REVERSE VOLTAGE,(%)
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
Fig.3- TYPICAL REVERSE CHARACTERISTICS
Fig.4- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
STAD-NOV.15.2004
PAGE . 2


▲Up To Search▲   

 
Price & Availability of SB32004

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X